Part Number Hot Search : 
0765R BUZ10L X230CPP DS1841T MMSZ36T1 TIC22 754607 42LN5300
Product Description
Full Text Search
 

To Download SRR1205-7R5ML Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  *rohs directive 2002/95/ec jan 27 2003 including annex specifications are subject to change without notice. customers should verify actual device performance in their specific applications. 101 12.7 0.3 (.500 .012) 5.0 0.2 (.197 .007) 2.3 0.2 (.091 .007) 5.5 (.217) max. 12.7 0.3 (.500 .012) srr1205 series - shielded high power inductors features e6 series optional unit height of 5.5 mm current up to 5 a j-hook leads rohs compliant* applications input/output of dc/dc converters power supplies for: portable communication equipment camcorders lcd tvs car radios electrical specifications product dimensions recommended layout electrical schematic general specifications test voltage........................................1 v reflow soldering ...230 ?, 50 sec. max. operating temperature .-40 ? to +125 ? (temperature rise included) storage temperature..-40 ? to +125 ? resistance to soldering heat ..................................260 ? for 5 sec. materials core.....................ferrite dr and ri core wire .............................enameled copper base ......................................lcp e4008 terminal ....................................cu/ni/sn rated current ....................ind. drop 10 % typ. at isat temperature rise ......................40 ? max. at rated irms packaging.....................600 pcs. per reel inductance 1khz q test srf rdc i rms i sat bourns part no. ( h) tol. % ref. frequency min. (m ? ? ) max. typ. (mhz) (mhz) (a) (a) srr1205-2r5ml 2.5 20 18 7.96m 27.0 24 5.00 10.00 srr1205-3r3ml 3.3 20 20 7.96m 25.0 30 4.50 9.20 srr1205-5r0ml 5.0 20 20 7.96m 21.0 35 4.00 8.20 SRR1205-7R5ML 7.5 20 20 7.96m 17.0 40 3.50 7.80 srr1205-100ml 10 20 21 2.52m 15.0 54 3.00 6.00 srr1205-120ml 12 20 20 2.52m 13.0 65 2.80 5.60 srr1205-150ml 15 20 20 2.52m 11.0 70 2.70 5.30 srr1205-180ml 18 20 20 2.52m 10.0 82 2.60 4.80 srr1205-220ml 22 20 19 2.52m 9.0 95 2.40 4.60 srr1205-270ml 27 20 18 2.52m 8.0 120 2.00 4.00 srr1205-330ml 33 20 18 2.52m 8.0 145 1.80 3.50 srr1205-390ml 39 20 18 2.52m 7.5 160 1.65 3.20 srr1205-500yl 50 15 18 2.52m 7.0 200 1.50 2.80 srr1205-560yl 56 15 18 2.52m 7.0 240 1.40 2.50 srr1205-680yl 68 15 17 2.52m 6.5 280 1.30 2.40 srr1205-750yl 75 15 17 2.52m 6.0 330 1.20 2.20 srr1205-101kl 100 10 12 0.796m 5.0 400 1.00 2.00 srr1205-121kl 120 10 10 0.796m 4.5 500 0.90 1.60 srr1205-151kl 150 10 10 0.796m 4.0 580 0.80 1.50 srr1205-181kl 180 10 9 0.796m 3.5 750 0.70 1.40 srr1205-221kl 220 10 9 0.796m 3.0 840 0.65 1.30 srr1205-271kl 270 10 9 0.796m 2.5 1000 0.60 1.00 srr1205-331kl 330 10 7 0.796m 2.0 1340 0.54 0.88 srr1205-391kl 390 10 7 0.796m 2.0 1500 0.50 0.80 srr1205-471kl 470 10 7 0.796m 2.0 1980 0.45 0.72 srr1205-561kl 560 10 6 0.796m 1.5 2200 0.40 0.65 srr1205-681kl 680 10 6 0.796m 1.5 2400 0.35 0.60 srr1205-821kl 820 10 5 0.796m 1.0 3000 0.30 0.57 dimensions: mm (inches) 6.0 (.236) 4.0 (.157) 7.0 (.276) *rohs compliant
specifications are subject to change without notice. customers should verify actual device performance in their specific applications. srr1205 series - shielded high power inductors user direction of feed 200 (7.874) no component no component components 11200 (440.945) 400 (15.748) start 4 (.157) 16 (.63) 5.6 (0.22) 24 (.945) end qty: 600 pcs. per reel packaging specifications 26 (1.02) 30.4 (1.20) 2.0 0.5 (.079 .020) 50.0 (1.969) 330 (12.99) dia. 13.0 0.5 (.512 .020) dia. 13.0 0.5 (.512 .020) dia. 21.0 0.8 (.827 .031) embossed carrier embossed cavity 0.10 (.004) thickness max. dimensions: mm (inches) rev. 05/05


▲Up To Search▲   

 
Price & Availability of SRR1205-7R5ML

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X